PART |
Description |
Maker |
AM42DL1612DB70IT AM42DL1612DB30IT AM42DL1612DB45IT |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM Am29DL16xD 16兆位米8 1个M x 16位).0伏的CMOS只,同时作业快闪记忆体和2兆位28亩16位),静态存储器
|
Advanced Micro Devices, Inc.
|
S29GL016A10FAIR10 S29GL016A30FAIR10 S29GL032A10FAI |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
|
SPANSION http://
|
S25FL001D0FNAI013 S25FL001D0FNFI001 S25FL001D0FNFI |
2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
|
SPANSION[SPANSION]
|
SST31LH021 31LH021 |
2 Megabit Flash 1 Megabit SRAM ComboMemory From old datasheet system
|
SST
|
AT52BR1664A AT52BR1664AT AT52BR1664A-90CI AT52BR16 |
16-megabit Flash 4-megabit SRAM Stack Memory
|
ATMEL Corporation
|
S29GL064A11TFIR20 S29GL064A11TFIR22 S29GL016A10FAI |
4M X 16 FLASH 3V PROM, 110 ns, PDSO56 LEAD FREE, MO-142EC, TSOP-56 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 1M X 16 FLASH 3V PROM, 100 ns, PBGA64 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 4M X 16 FLASH 3V PROM, 100 ns, PDSO56 2M X 16 FLASH 3V PROM, 100 ns, PBGA56 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:48-TSOP; Memory Configuration:64K x 16; Memory Size:64MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 4M X 16 FLASH 3V PROM, 100 ns, PDSO48
|
Spansion, Inc. SPANSION LLC
|
S29GL064N90DFI040 S29GL064N90BFI033 S29GL032N90TFI |
4M X 16 FLASH 3V PROM, 90 ns, PBGA64 9 X 9 MM, LEAD FREE, FBGA-64 4M X 16 FLASH 3V PROM, 90 ns, PBGA48 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
Spansion, Inc. SPANSION LLC
|
EN71NS032A0 EN71NS032A0-9DCWP EN71NS032A0-7DCWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
AT45CS1282 |
128 Megabit Code Shadow Flash 128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
|
ATMEL[ATMEL Corporation]
|
AM27X010 AM27X010-120JC AM27X010-120JI AM27X010-12 |
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 250 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 90 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 55 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 120 ns, PDIP32 CABLE TIE BARB TY 120LB 18.1,1
|
PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices] ADVANCED MICRO DEVICES INC
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|